Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705CT4GRS/D Datasheet(PDF) 61 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 152 page
background image
16-Bit Timer
Counter Register
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
16-Bit Timer
61
Figure 8-1. 16-Bit Timer Block Diagram
The free-running counter is configured to $FFFC during reset and is a
read-only register but only when the timer is enabled. During a power-on
reset, the counter is also preset to $FFFC and begins running only after
the TON bit in the TIMER control register is set. Because the free-
running counter is 16 bits preceded by a fixed divided-by-four prescaler,
the value in the free-running counter repeats every 262,144 internal bus
clock cycles. When the counter rolls over from $FFFF to $0000, the TOF
bit is set. An interrupt can also be enabled when counter roll-over occurs
by setting its interrupt enable bit (TOIE).
NOTE:
The I bit in the CCR should be set while manipulating both the high and
low byte registers of a specific timer function to ensure that an interrupt
does not occur.
INPUT
CAPTURE
REGISTER
CLOCK
INTERNAL BUS
OUTPUT
COMPARE
REGISTER
HIGH
BYTE
LOW
BYTE
$16
$17
÷4
INTERNAL
PROCESSOR
16-BIT FREE
RUNNING
COUNTER
COUNTER
ALTERNATE
REGISTER
8-BIT
BUFFER
HIGH
BYTE
LOW
BYTE
$1A
$1B
$18
$19
HIGH
BYTE
LOW
BYTE
$14
$15
OUTPUT
COMPARE
CIRCUIT
OVERFLOW
DETECT
CIRCUIT
EDGE
DETECT
CIRCUIT
TIMER
STATUS
REG.
ICF OCF TOF $13
ICIE
IEDG OLVL
OUTPUT
LEVEL
REG.
RESET
TIMER
CONTROL
REG.
$12
OUTPUT
LEVEL
(TCMP)
INTERRUPT CIRCUIT
TOIE
OCIE
EDGE
INPUT
(TCAP)
D
CLK
C
Q
FOLVL
PD6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com