| Electronic Components Datasheet Search |
|
HC705CT4GRS/D Datasheet(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 36 Page - NXP Semiconductors |
|
36 / 152 page ![]() Interrupts General Release Specification MC68HC705CT4 — Rev. 2.0 36 Interrupts MOTOROLA 4.3 CPU Interrupt Processing Interrupts cause the processor to save register contents on the stack and to set the interrupt mask (I bit) to prevent additional interrupts. Unlike RESET, hardware interrupts do not cause the current instruction execution to be halted, but are considered pending until the current instruction is complete. If interrupts are not masked (I bit in the CCR is clear) and the corresponding interrupt enable bit is set, the processor will proceed with interrupt processing. Otherwise, the next instruction is fetched and executed. If an interrupt occurs, the processor completes the current instruction, stacks the current CPU register states, sets the I bit to inhibit further interrupts, and finally checks the pending hardware interrupts. If more than one interrupt is pending after the stacking operation, the interrupt with the highest vector location shown in Table 4-1 will be serviced first. The SWI is executed the same as any other instruction, regardless of the I-bit state. When an interrupt is to be processed, the CPU fetches the address of the appropriate interrupt software service routine from the vector table at locations $1FF4–$1FFF as defined in Table 4-1. Table 4-1. Vector Address for Interrupts and Reset Register Flag Name Interrupt CPU Interrupt Vector Address N/A N/A Reset RESET $1FFE–$1FFF N/A N/A Software SWI $1FFC–$1FFD CMCSR CMP3 CMP3, External Interrupts* CMP3/IRQ $1FFA–$1FFB TSR OCF, ICF, TOF 16-bit Timer Interrupts TIMER $1FF8–$1FF9 SSSR SSIF SSI Interrupt SSI $1FF6–$1FF7 CTCSR TOFE, RTIE Core Timer Interrupts TIMER, RTI $1FF4–$1FF5 * External interrupts include IRQ and PORTC sources. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |