| Electronic Components Datasheet Search |
|
HC705CT4GRS/D Datasheet(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 91 Page - NXP Semiconductors |
|
91 / 152 page ![]() Dual Phase-Locked Loop (PLL) Registers MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Dual Phase-Locked Loop (PLL) 91 11.3.4 16-Bit Receive Counter Modulus Register This 2-byte register holds the count for the 16-bit receive counter. The receive counter is shut off and held in reset when the RXON bit is cleared. For proper operation, this register must not be loaded with a value less than $000F. The modulus registers mentioned above have specific read/write logic. When the user updates the contents of the modulus registers, the MSB must be written first and is temporarily stored in a temporary buffer. This inhibits the transfer of data from this level to the next level, which is the modulus register. When the LSB is written, all 12 or 16 bits (data from the temporary buffer and the MCU internal bus) are transferred to the modulus register simultaneously. This prevents the loading of bad data from the modulus register. A read of the data registers is the reverse of a write operation. A read of the LSB buffers the MSB. A subsequent read of the MSB reflects this buffered value. Since only one temporary buffer exists, two sequential MSB writes of different registers will result in only the last data value stored in the temporary buffer. The first value will be lost. Address: $000F Bit 7 654321 Bit 0 Read: PLLRX15 PLLRX14 PLLRX13 PLLRX12 PLLRX11 PLLRX10 PLLRX9 PLLRX8 Write: Reset: 00000000 Address: $0010 Bit 7 654321 Bit 0 Read: PLLRX7 PLLRX6 PLLRX5 PLLRX4 PLLRX3 PLLRX2 PLLRX1 PLLRX0 Write: Reset: 00000000 Figure 11-5. 16-Bit Receive Counter (PLLRX) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |