| Electronic Components Datasheet Search |
|
HC705CT4GRS/D Datasheet(PDF) 56 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Datasheet(HTML) 56 Page - NXP Semiconductors |
|
56 / 152 page ![]() Parallel Input/Output (I/O) General Release Specification MC68HC705CT4 — Rev. 2.0 56 Parallel Input/Output (I/O) MOTOROLA 7.4 Port B Port B is an 8-bit bidirectional port. The port B data register is at $0001 and the data direction register (DDR) is at $0005. Reset does not affect the data registers, but clears the data direction registers, thereby returning the ports to inputs. Writing a logic 1 to a DDR bit sets the corresponding port bit to output mode. 7.5 Port C Port C is an 8-bit bidirectional port. The port C data register is at $0002 and the data direction register (DDR) is at $0006. Reset does not affect the data registers, but clears the data direction registers, thereby returning the ports to inputs. Writing a logic 1 to a DDR bit sets the corresponding port pin to output mode. Each of the port C pins has an optional pullup device. When the DDR bit is cleared and the pullup device is enabled, the pin will be a pullup and an interrupt pin. The edge- or edge- and level-sensitivity of the IRQ pin also pertains to the enabled port C pins. Care needs to be taken when using port C pins that have the pullup enabled. Before switching from an output to an input, the data should be preconditioned to a logic 1 to prevent an interrupt from occurring. Port C bit 7 is also shared with the PWM output. When PC7 is used as the PWM output, its pullup option should not be selected (see Figure 7-1). Figure 7-1. Port C Pullup Option PC7 VDD VDD DDR BIT NORMAL PORT CIRCUITRY AS SHOWN IN FIGURE 7-2 IRQ SCHMITT TRIGGER TO INTERRUPT LOGIC MASK OPTION (PC7PU) DISABLED ENABLED (PC7 ADDS PWM) FROM ALL OTHER PORT C PINS Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |