Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 137Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 138Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 139Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 140Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 141Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 142Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 143Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 144Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 139
PIC18F6310/6410/8310/8410
TABLE 10-17: PORTJ FUNCTIONS
TABLE 10-18: SUMMARY OF REGISTERS ASSOCIATED WITH PORTJ
Pin Name
Function
TRIS
Setting
I/O
I/O
Type
Description
RJ0/ALE
RJ0
0
O
DIG
LATJ<0> data output.
1
I
ST
PORTJ<0> data input.
ALE
x
O
DIG
External memory interface address latch enable control output; takes
priority over digital I/O.
RJ1/OE
RJ1
0
O
DIG
LATJ<1> data output.
1
I
ST
PORTJ<1> data input.
OE
x
O
DIG
External memory interface output enable control output; takes priority
over digital I/O.
RJ2/WRL
RJ2
0
O
DIG
LATJ<2> data output.
1
I
ST
PORTJ<2> data input.
WRL
x
O
DIG
External memory bus write low byte control; takes priority over digital
I/O.
RJ3/WRH
RJ3
0
O
DIG
LATJ<3> data output.
1
I
ST
PORTJ<3> data input.
WRH
x
O
DIG
External memory interface write high byte control output; takes priority
over digital I/O.
RJ4/BA0
RJ4
0
O
DIG
LATJ<4> data output.
1
I
ST
PORTJ<4> data input.
BA0
x
O
DIG
External memory interface byte address 0 control output; takes priority
over digital I/O.
RJ5/CE
RJ5
0
O
DIG
LATJ<5> data output.
1
I
ST
PORTJ<5> data input.
CE
x
O
DIG
External memory interface chip enable control output; takes priority
over digital I/O.
RJ6/LB
RJ6
0
O
DIG
LATJ<6> data output.
1
I
ST
PORTJ<6> data input.
LB
x
O
DIG
External memory interface lower byte enable control output; takes
priority over digital I/O.
RJ7/UB
RJ7
0
O
DIG
LATJ<7> data output.
1
I
ST
PORTJ<7> data input.
UB
x
O
DIG
External memory interface upper byte enable control output; takes
priority over digital I/O.
Legend:
PWR = Power Supply, O = Output, I = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
TTL = TTL Buffer Input, x = Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on Page
PORTJ
Read PORTJ pin/Write PORTJ Data Latch
60
LATJ
LATJ Data Output Register
60
TRISJ
Data Direction Control Register for PORTJ
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com