Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 140Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 141Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 142Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 143Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 144Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 145Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 146Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 147Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 142
Preliminary
 2004 Microchip Technology Inc.
FIGURE 10-4:
PARALLEL SLAVE PORT READ WAVEFORMS
TABLE 10-19: REGISTERS ASSOCIATED WITH PARALLEL SLAVE PORT
Q1
Q2
Q3
Q4
CS
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
WR
IBF
PSPIF
RD
OBF
PORTD<7:0>
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page
PORTD
PORTD Data Latch when written; Port pins when read
60
LATD
LATD Data Output bits
60
TRISD
PORTD Data Direction bits
60
PORTE
PORTE Data Latch when written; Port pins when read
60
LATE
LATE Data Output bits
60
TRISE
PORTE Data Direction bits
60
PSPCON
IBF
OBF
IBOV
PSPMODE
—
—
—
—59
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
57
PIR1
PSPIF
ADIF
RC1IF
TX1IF
SSPIF
CCP1IF
TMR2IF
TMR1IF
59
PIE1
PSPIE
ADIE
RC1IE
TX1IE
SSPIE
CCP1IE
TMR2IE
TMR1IE
59
IPR1
PSPIP
ADIP
RC1IP
TX1IP
SSPIP
CCP1IP
TMR2IP
TMR1IP
59
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by the Parallel Slave Port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com