Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 106 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 102Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 103Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 104Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 105Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 106Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 107Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 108Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 109Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 125 page
background image
ST7LITE0x, ST7LITESx
106/125
ADC CHARACTERISTICS (Cont’d)
Figure 81. RAIN max. vs fADC with CAIN=0pF
1)
Figure 82. Recommended CAIN/RAIN values
2)
Notes:
1. CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad ca-
pacitance (3pF). A high CPARASITIC value will downgrade conversion accuracy. To remedy this, fADC should be reduced.
2. This graph shows that depending on the input signal variation (fAIN), CAIN can be increased for stabilization and to allow
the use of a larger serial resistor (RAIN). It is valid for all fADC frequencies ≤ 4MHz.
13.11.1 General PCB Design Guidelines
To obtain best results, some general design and
layout rules should be followed when designing
the application PCB to shield the noise-sensitive,
analog physical interface from noise-generating
CMOS logic signals.
Properly place components and route the signal
traces on the PCB to shield the analog inputs. An-
alog signals paths should run over the analog
ground plane and be as short as possible. Isolate
analog signals from digital signals that may switch
while the analog inputs are being sampled by the
A/D converter. Do not toggle digital outputs on the
same I/O port as the A/D input being converted.
0
5
10
15
20
25
30
35
40
45
010
30
70
CPARASITIC (pF)
4 MHz
2 MHz
1 MHz
0.1
1
10
100
1000
0.01
0.1
1
10
fAIN(KHz)
Cain 10 nF
Cain 22 nF
Cain 47 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com