Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 107 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 103Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 104Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 105Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 106Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 107Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 108Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 109Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 110Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 125 page
background image
ST7LITE0x, ST7LITESx
107/125
ADC CHARACTERISTICS (Cont’d)
ADC Accuracy with VDD=5.0V
TA = -40°C to 85°C, unless otherwise specified
Notes:
1. Data based on characterization results over the whole temperature range, monitored in production.
2. Injecting negative current on any of the analog input pins significantly reduces the accuracy of any conversion being
performed on any analog input.
Analog pins can be protected against negative injection by adding a Schottky diode (pin to ground). Injecting negative
current on digital input pins degrades ADC accuracy especially if performed on a pin close to the analog input pins.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 13.8 does not affect the ADC
accuracy.
–
Symbol
Parameter
Conditions
Typ
Max
Unit
ET
Total unadjusted error 2)
fCPU=4MHz, fADC=2MHz ,VDD=5.0V
±1
LSB
EO
Offset error 2)
-0.5 / +1
EG
Gain Error 2)
±1
ED
Differential linearity error 2)
±11)
EL
Integral linearity error 2)
±11)
ET
Total unadjusted error 2)
fCPU=8MHz, fADC=4MHz ,VDD=5.0V
±2
LSB
EO
Offset error 2)
-0.5 / 3.5
EG
Gain Error 2)
-2 / 0
ED
Differential linearity error 2)
±11)
EL
Integral linearity error 2)
±11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com