Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 109 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 105Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 106Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 107Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 108Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 109Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 110Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 111Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 112Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 125 page
background image
ST7LITE0x, ST7LITESx
109/125
ADC CHARACTERISTICS (Cont’d)
Notes:
1. Data based on characterization results over the whole temperature range, not tested in production.
2. For precise conversion results it is recommended to calibrate the amplifier at the following two points:
– offset at VINmin = 0V
– gain at full scale (for example VIN=250mV)
3. Monotonicity guaranteed if VIN increases or decreases in steps of min. 5mV.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(AMP)
Amplifier operating voltage
4.5
5.5
V
VIN
Amplifier input voltage
VDD=5V
0
250
mV
VOFFSET
Amplifier offset voltage
200
mV
VSTEP
Step size for monotonicity3)
5mV
Linearity
Output Voltage Response
Linear
Gain factor
Amplified Analog input Gain2)
71)
891)
Vmax
Output Linearity Max Voltage
VINmax = 250mV,
VDD=5V
2.2
2.4
V
Vmin
Output Linearity Min Voltage
200
mV
Vin
Vout (ADC input)
Vmax
Vmin
0V
250mV
0V
Noise
(OPAMP input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com