Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F14X Datasheet(PDF) 41 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 41 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 37Page - Texas Instruments MSP430F14X Datasheet HTML 38Page - Texas Instruments MSP430F14X Datasheet HTML 39Page - Texas Instruments MSP430F14X Datasheet HTML 40Page - Texas Instruments MSP430F14X Datasheet HTML 41Page - Texas Instruments MSP430F14X Datasheet HTML 42Page - Texas Instruments MSP430F14X Datasheet HTML 43Page - Texas Instruments MSP430F14X Datasheet HTML 44Page - Texas Instruments MSP430F14X Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
41
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Detailed Description
Copyright © 2000–2018, Texas Instruments Incorporated
6.8.8
ADC12 (MSP430F14x and MSP430F13x Only)
The ADC12 module supports fast 12-bit analog-to-digital conversions. The module implements a 12-bit
SAR core, sample select control, reference generator, and a 16-word conversion-and-control buffer. The
conversion-and-control buffer allows up to 16 independent ADC samples to be converted and stored
without CPU intervention.
6.8.9
Timer_A3
Timer_A3 is a 16-bit timer/counter with three capture/compare registers. Timer_A3 can support multiple
capture/compares, PWM outputs, and interval timing (see Table 6-12). Timer_A3 also has extensive
interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each
of the capture/compare registers.
Table 6-12. Timer_A3 Signal Connections
INPUT PIN NUMBER
DEVICE INPUT
SIGNAL
MODULE INPUT
NAME
MODULE BLOCK
MODULE OUTPUT
SIGNAL
OUTPUT PIN
NUMBER
12 - P1.0
TACLK
TACLK
Timer
NA
ACLK
ACLK
SMCLK
SMCLK
21 - P2.1
TAINCLK
INCLK
13 - P1.1
TA0
CCI0A
CCR0
TA0
13 - P1.1
22 - P2.2
TA0
CCI0B
17 - P1.5
DVSS
GND
27 - P2.7
DVCC
VCC
14 - P1.2
TA1
CCI1A
CCR1
TA1
CAOUT (internal)
CCI1B
DVSS
GND
DVCC
VCC
15 - P1.3
TA2
CCI2A
CCR2
TA2
ACLK (internal)
CCI2B
DVSS
GND
DVCC
VCC
6.8.10 Timer_B3 (MSP430F13x Only)
Timer_B3 is a 16-bit timer/counter with three capture/compare registers. Timer_B3 can support multiple
capture/compares, PWM outputs, and interval timing (see Table 6-13). Timer_B3 also has extensive
interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each
of the capture/compare registers.
6.8.11 Timer_B7 (MSP430F14x and MSP430F14x1 Only)
Timer_B7 is a 16-bit timer/counter with seven capture/compare registers. Timer_B7 can support multiple
capture/compares, PWM outputs, and interval timing (see Table 6-13). Timer_B7 also has extensive
interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each
of the capture/compare registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com