Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F14X Datasheet(PDF) 45 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 41Page - Texas Instruments MSP430F14X Datasheet HTML 42Page - Texas Instruments MSP430F14X Datasheet HTML 43Page - Texas Instruments MSP430F14X Datasheet HTML 44Page - Texas Instruments MSP430F14X Datasheet HTML 45Page - Texas Instruments MSP430F14X Datasheet HTML 46Page - Texas Instruments MSP430F14X Datasheet HTML 47Page - Texas Instruments MSP430F14X Datasheet HTML 48Page - Texas Instruments MSP430F14X Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
45
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Detailed Description
Copyright © 2000–2018, Texas Instruments Incorporated
Table 6-14. Peripherals With Word Access (continued)
MODULE
REGISTER NAME
ACRONYM
ADDRESS
ADC12 (not in MSP430F14x1)
Conversion memory 15
ADC12MEM15
015Eh
Conversion memory 14
ADC12MEM14
015Ch
Conversion memory 13
ADC12MEM13
015Ah
Conversion memory 12
ADC12MEM12
0158h
Conversion memory 11
ADC12MEM11
0156h
Conversion memory 10
ADC12MEM10
0154h
Conversion memory 9
ADC12MEM9
0152h
Conversion memory 8
ADC12MEM8
0150h
Conversion memory 7
ADC12MEM7
014Eh
Conversion memory 6
ADC12MEM6
014Ch
Conversion memory 5
ADC12MEM5
014Ah
Conversion memory 4
ADC12MEM4
0148h
Conversion memory 3
ADC12MEM3
0146h
Conversion memory 2
ADC12MEM2
0144h
Conversion memory 1
ADC12MEM1
0142h
Conversion memory 0
ADC12MEM0
0140h
Interrupt vector word
ADC12IV
01A8h
Interrupt enable
ADC12IE
01A6h
Interrupt flag
ADC12IFG
01A4h
ADC control 1
ADC12CTL1
01A2h
ADC control 0
ADC12CTL0
01A0h
ADC memory control 15
ADC12MCTL15
08Fh
ADC memory control 14
ADC12MCTL14
08Eh
ADC memory control 13
ADC12MCTL13
08Dh
ADC memory control 12
ADC12MCTL12
08Ch
ADC memory control 11
ADC12MCTL11
08Bh
ADC memory control 10
ADC12MCTL10
08Ah
ADC memory control 9
ADC12MCTL9
089h
ADC memory control 8
ADC12MCTL8
088h
ADC memory control 7
ADC12MCTL7
087h
ADC memory control 6
ADC12MCTL6
086h
ADC memory control 5
ADC12MCTL5
085h
ADC memory control 4
ADC12MCTL4
084h
ADC memory control 3
ADC12MCTL3
083h
ADC memory control 2
ADC12MCTL2
082h
ADC memory control 1
ADC12MCTL1
081h
ADC memory control 0
ADC12MCTL0
080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com