| Electronic Components Datasheet Search |
|
MSP430F14X Datasheet(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F14X Datasheet(HTML) 67 Page - Texas Instruments |
|
67 / 83 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2022 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples MSP430F147IRTDT ACTIVE VQFN RTD 64 250 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F147 Samples MSP430F1481IPM ACTIVE LQFP PM 64 160 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F1481 Samples MSP430F1481IPMR ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F1481 Samples MSP430F1481IRTDT ACTIVE VQFN RTD 64 250 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F1481 Samples MSP430F148IPAG ACTIVE TQFP PAG 64 160 RoHS & Green NIPDAU Level-4-260C-72 HR -40 to 85 M430F148 Samples MSP430F148IPM ACTIVE LQFP PM 64 160 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F148 REV # Samples MSP430F148IPMR ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F148 REV # Samples MSP430F148IRTDR ACTIVE VQFN RTD 64 2500 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F148 Samples MSP430F148IRTDT ACTIVE VQFN RTD 64 250 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F148 Samples MSP430F1491IPM ACTIVE LQFP PM 64 160 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F1491 Samples MSP430F1491IPMR ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F1491 Samples MSP430F1491IRTDR ACTIVE VQFN RTD 64 2500 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F1491 Samples MSP430F1491IRTDT ACTIVE VQFN RTD 64 250 RoHS & Green SN Level-3-260C-168 HR -40 to 85 M430F1491 Samples MSP430F149IPAG ACTIVE TQFP PAG 64 160 RoHS & Green NIPDAU Level-4-260C-72 HR -40 to 85 M430F149 REV # Samples MSP430F149IPAGR ACTIVE TQFP PAG 64 1500 RoHS & Green NIPDAU Level-4-260C-72 HR -40 to 85 M430F149 REV # Samples MSP430F149IPM ACTIVE LQFP PM 64 160 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F149 REV # Samples MSP430F149IPMG4 ACTIVE LQFP PM 64 160 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F149 REV # Samples MSP430F149IPMR ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F149 REV # Samples MSP430F149IPMRG4 ACTIVE LQFP PM 64 1000 RoHS & Green NIPDAU Level-3-260C-168 HR -40 to 85 M430F149 REV # Samples Addendum-Page 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |