Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 43 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 43 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 47Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
Page 43
nRF51802 Product Specification v1.2
Table 30 Power management
t1V7
Startup time for 1V7 regulator
2
3.6
μs
1
I1V7
Current drawn by 1V7 regulator
275
μA
2
FDCDC
DC/DC converter current
conversion factor.
0.654
1.24
1
1. Add 1 μA to the current value if the device is used in Low voltage mode.
2. This number includes the current used by the automated power and clock management system.
3. For details on 1 MHz mode, see
Section 4.2 “Timer/counters (TIMER)” on page 28.
4. FDCDC will vary depending on VDD and internal radio current consumption (IDD). Please refer to the nRF51 Series Refer-
ence Manual, v3.0 or later, for a method to calculate IDD,DCDC. See Figure 10 on page 46 for a DC/DC conversion factor
chart.
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com