Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 35 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 35 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 39Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
Page 35
nRF51802 Product Specification v1.2
8
Electrical specifications
This chapter contains electrical specifications for device interfaces and peripherals including radio
parameters and current consumption.
The test levels referenced are defined in Table 19.
Table 19 Test level definitions
8.1
Clock sources
8.1.1
16/32 MHz crystal startup
Figure 8 Current drawn at oscillator startup
Figure 8 shows the current drawn by the crystal oscillator (XOSC) at startup. The tSTART,XOSC period is the
time needed for the oscillator to start clocking. The length of tSTART,XOSC is dependent on the crystal
specifications.
The period following tSTART,XOSC to the end of tSTART,X16M /tSTART,X32M is fixed. This is the debounce period
where the clock stabilizes before it is made available to rest of the system.
Test level
Description
1
Simulated, calculated, by design (specification limit) or prototype samples
tested at NOC.
2
Parameters have been verified at Test level 1 and in addition:
Prototype samples tested at EOC.
3
Parameters have been verified at Test level 2 and in addition:
Production samples tested at EOC in accordance with JEDEC47.
4
Parameters have been verified at Test level 3 and in addition:
Production devices are limit tested at NOC.
tSTART,XOSC
tSTART,X16M / tSTART,X32M
ISTART,XOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com