Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 52 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 52 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 56Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
Page 52
nRF51802 Product Specification v1.2
8.8
Serial Peripheral Interface Slave (SPIS) specifications
Table 42 SPIS specifications
Figure 11 SPIS timing diagram, one byte transmission, SPI Mode 0
Table 43 SPIS timing parameters
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
ISPIS125K
Run current for SPI slave at 125 kbps.1
1. CSN asserted.
180
μA
1
ISPIS2M
Run current for SPI slave at 2 Mbps.1
183
μA
1
fSPIS
Bit rates for SPIS.
0.125
42
2. This bit rate is only possible if the instructions are followed in
Section 4.10.1 “Enable 4 Mbps SPIS bit rate” on
page 30.
Mbps
N/A
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
tDC
Data to SCK setup.
10
ns
1
tDH
SCK to Data hold.
10
ns
1
tCSD
CSN to Data valid.
Low power mode.1
Constant latency mode.1
1. For more information on how to control the sub power modes, see the nRF51 Series Reference Manual.
7100
2100
ns
1
tCD
SCK to Data Valid.
CLOAD = 10 pF
972
2. Increases/decreases with 1.2 ns/pF load.
ns
1
tCL
SCK Low time.
40
ns
1
tCH
SCK High time.
40
ns
1
tCC
CSN to SCK Setup.
Low power mode.1
Constant latency mode.1
7000
2000
ns
1
tCCH
Last SCK edge to CSN Hold.
2000
ns
1
tCWH
CSN Inactive time.
300
ns
1
tCDZ
CSN to Output High Z.
40
ns
1
fSCK
SCK frequency.
0.125
2
MHz
1
tR,tF
SCK Rise and Fall time.
100
ns
1
b7
b6
b0
b7
b0
tCD
tDH
tDC
tCL
tCH
SCK
MOSI
MISO
CSN
tCWH
tCDZ
tCCH
tCSD
tCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com