Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 75 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 75 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 79Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
Page 75
nRF51802 Product Specification v1.2
11.3.2
QFAA QFN48 schematic with low voltage mode setup
Figure 20 QFAA QFN48 with low voltage mode setup
Note: For PCB reference layouts, see the Reference Layout section in our Infocenter.
C1
12pF
C2
12pF
X1
16MHz
C9
1.0nF
C8
100nF
C10
47nF
C11
100nF
VCC_1V8
VCC_1V8
GND
VCC_1V8
C7
100nF
VCC_1V8
P0.07
P0.30
P0.17
P0.18
P0.19
P0.20
P0.00
P0.01
P0.02
P0.03
P0.04
P0.06
P0.05
C3
2.2nF
C4
0.8pF
C5
2.2pF
C6
1.5pF
C14
12pF
C13
12pF
X2
32.768kHz
Optional
L1
5.6nH
L2
10nH
L3
3.3nH
VDD
1
VDD
12
VDD_PA
30
ANT1
31
ANT2
32
VSS
33
VSS
34
AVDD
35
AVDD
36
nRF51802
DCC
2
P0.30
3
P0.00
4
P0.01
5
P0.02
6
P0.03
7
P0.04
8
P0.05
9
P0.06
10
P0.07
11
P0.17
25
P0.18
26
P0.19
27
P0.20
28
DEC2
29
U1
nRF51802-QFAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com