Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 60 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 60 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 64Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
Page 60
nRF51802 Product Specification v1.2
8.22
Non-Volatile Memory Controller (NVMC) specifications
Flash write is done by executing a program that writes one word (32 bit) consecutively after the other to the
flash memory.
The program doing the flash writes could be set up to run from flash or from RAM. The timing of one flash
write operation depends on whether the next instructions following the flash write will be fetched from
flash or from RAM. Any fetch from flash done before the write operation is finished will give tWRITE,FLASH
timing.
The flash memory is organized in 256 byte rows starting at CODE and UICR start address. Crossing from one
row to another will affect the flash write timing when running from RAM.
The time it takes to program the flash memory will depend on different parameters:
• Whether the program doing the flash write is running from RAM or running from flash.
• When running from RAM we will have different timing for:
• First write operation.
• Repeated write operations within the same row.
• Repeated write operation that are crossing from one row to another.
Table 59 NVMC specifications
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
tERASEALL
Erase flash memory.
1, 2
1. Max timing is assuming using RC16M, worst case tolerance.
2. The CPU will be halted for the duration of NVMC operations if the CPU tries to fetch data/code from the flash memory.
20.0
ms
1
tPAGEERASEALL
Erase page in flash memory.
1, 2
20.0
ms
1
tWRITE,FLASH
Program running from flash.
Write one word to flash memory.
1, 3
3. The CPU will be halted for the duration of NVMC operations.
46.3
μs
1
tWRITE,RAM,1st
Program running from RAM. Write
the first word to flash memory.
1
40.2
μs
1
tWRITE,RAM,2nd
Program running from RAM.
Repeated writes operations
following the first, within the
same row.
1
27.0
μs
1
tWRITE,RAM,3rd
Program running from RAM.
Repeated write operation, new
word is located on a different row
compare to the previous write.
1
46.3
μs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com