Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 70 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 70 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 74Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
Page 70
nRF51802 Product Specification v1.2
11
Reference circuitry
For the following reference layouts, C_pcb1 and C_pcb2, between X1 and XC1/XC2, is estimated to 0.5 pF
each.
The exposed center pad of the QFN package must be connected to supply ground for proper device
operation.
11.1
PCB guidelines
A well designed PCB is necessary to achieve good RF performance. A poor layout can lead to loss in
performance or functionality. A qualified RF layout for the IC and its surrounding components, including
matching networks, can be downloaded from the Infocenter.
To ensure optimal performance it is essential that you follow the schematics- and layout references closely.
Especially in the case of the antenna matching circuitry (components between device pins ANT1,ANT2,
VDD_PA and the antenna), any changes to the layout can change the behavior, resulting in degradation of
RF performance or a need to change component values. All the reference circuits are designed for use with a
50 ohm single end antenna.
A PCB with a minimum of two layers, including a ground plane, is recommended for optimal performance.
On PCBs with more than two layers, put a keep-out area on the inner layers directly below the antenna
matching circuitry (components between device pins ANT1, ANT2, VDD_PA, and the antenna) to reduce the
stray capacitances that influence RF performance.
A matching network is needed between the differential RF pins ANT1 and ANT2 and the antenna, to match
the antenna impedance (normally 50 ohm) to the optimum RF load impedance for the chip. For optimum
performance, the impedance for the matching network should be set as described in Section 8.5.7 “Antenna
matching network requirements” on page 50 along with the recommended reference circuitry from Section
11.3 “QFAA QFN48 package” on page 73 or Section 11.4 “QCAA QFN32 package”.
The DC supply voltage should be decoupled as close as possible to the VDD pins with high performance RF
capacitors. See the schematics for recommended decoupling capacitor values. The supply voltage for the
chip should be filtered and routed separately from the supply voltages of any digital circuitry.
Long power supply lines on the PCB should be avoided. All device grounds, VDD connections, and VDD
bypass capacitors must be connected as close as possible to the IC. For a PCB with a topside RF ground
plane, the VSS pins should be connected directly to the ground plane. For a PCB with a bottom ground
plane, the best technique is to have via holes as close as possible to the VSS pads. A minimum of one via
hole should be used for each VSS pin.
Full-swing digital data or control signals should not be routed close to the crystal or the power supply lines.
Capacitive loading of full-swing digital output lines should be minimized in order to avoid radio
interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com