Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 80 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 80 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 84Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
Page 80
nRF51802 Product Specification v1.2
11.4.1.1
Bill of Materials
Table 82 QCAA QFN32 with internal LDO setup
Designator
Value
Description
Footprint
C1, C2, C13, C14
12 pF
Capacitor, NP0, ±2%
0402
C3
2.2 nF
Capacitor, X7R, ±10%
0402
C4
1.0 pF
Capacitor, NP0, ±0.1 pF
0402
C5
3.9 pF
Capacitor, NP0, ±0.1 pF
0402
C6
1.5 pF
Capacitor, NP0, ±0.1 pF
0402
C7, C8, C11
100 nF
Capacitor, X7R, ±10%
0402
C9
1.0 nF
Capacitor, X7R, ±10%
0402
C10
47 nF
Capacitor, X7R, ±10%
0402
L1
5.6 nH
High frequency chip inductor ±5%
0402
L2
10 nH
High frequency chip inductor ±5%
0402
L3
2.7 nH
High frequency chip inductor ±5%
0402
U1
nRF51802-QCAA
RF SoC
QFN-32
X1
16 MHz
Crystal SMD 2520, 16 MHz, 8 pF, ±40 ppm
SMD 2520
X2
32.768 kHz
Crystal SMD 3215, 32.768 kHz, 9 pF, ±20 ppm
SMD 3215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com