Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 24 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 24 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 28Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
Page 24
nRF51802 Product Specification v1.2
3.6.1
16/32 MHz crystal oscillator
The crystal oscillator can be controlled either by a 16 MHz or a 32 MHz external crystal. However, the system
clock is always 16 MHz, see the nRF51 Series Reference Manual for more details. The crystal oscillator is
designed for use with an AT-cut quartz crystal in parallel resonant mode. To achieve correct oscillation
frequency, the load capacitance must match the specification in the crystal data sheet. Figure 6 shows how
the crystal is connected to the 16/32 MHz crystal oscillator.
Figure 6 Circuit diagram of the 16/32 MHz crystal oscillator
The load capacitance (CL) is the total capacitance seen by the crystal across its terminals and is given by:
C1’ = C1 + C_pcb1 + C_pin
C2’ = C2 + C_pcb2 + C_pin
C1 and C2 are ceramic SMD capacitors connected between each crystal terminal and ground. C_pcb1 and
C_pcb2 are stray capacitances on the PCB. C_pin is the pin input capacitance on the XC1 and XC2 pins, see
Table 20 on page 36 (16 MHz) and Table 21 on page 37 (32 MHz). The load capacitors C1 and C2 should have
the same value. See Chapter 11 “Reference circuitry” on page 70 for the capacitance value used for C_pcb1
and C_pcb2 in reference circuitry.
For reliable operation, the crystal load capacitance, shunt capacitance, equivalent series resistance (RS,X16M/
RS,X32M), and drive level must comply with the specifications in Table 20 on page 36 (16 MHz) and Table 21
on page 37 (32 MHz). It is recommended to use a crystal with lower than maximum RS,X16M/RS,X32M if the
load capacitance and/or shunt capacitance is high. This will give faster startup and lower current
consumption. A low load capacitance will reduce both startup time and current consumption.
C1
C2
16/32 MHz
crystal
XC1
XC2
CL
C1' C2'

C1' C2'
+

----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com