Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 26 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 26 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 30Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
Page 26
nRF51802 Product Specification v1.2
3.6.4
Synthesized 32.768 kHz clock
The low frequency clock can be synthesized from the high frequency clock. This saves the cost of a crystal
but increases average power consumption as the high frequency clock source will have to be active.
3.7
GPIO
The general purpose I/O is organized as one port with up to 31 I/Os (dependent on package) enabling
access and control of up to 31 pins through one port. Each GPIO can be accessed individually with the
following user configurable features:
•Input/output direction
• Output drive strength
• Internal pull-up and pull-down resistors
• Wake-up from high or low level triggers on all pins
• Trigger interrupt on all pins
• All pins can be used by the PPI task/event system; the maximum number of pins that can be
interfaced through the PPI at the same time is limited by the number of GPIOTE channels
• All pins can be individually configured to carry serial interface or quadrature demodulator
signals
3.8
Debugger support
The two pin Serial Wire Debug (SWD) interface provided as a part of the Debug Access Port (DAP) offers a
flexible and powerful mechanism for non-intrusive debugging of program code. Breakpoints and single
stepping are part of this support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com