Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 48 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 48 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 52Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
Page 48
nRF51802 Product Specification v1.2
8.5.5
Receiver specifications
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
Receiver operation
PRXMAX
Maximum received signal strength at
< 0.1% PER.
0
dBm
1
PRXSENS,2M
Sensitivity (0.1% BER)
at 2 Mbps.
-83
dBm
2
PRXSENS,1M
Sensitivity (0.1% BER)
at 1 Mbps.
-88
dBm
2
PRXSENS,250k
Sensitivity (0.1% BER)
at 250 kbps.
-94
dBm
2
PSENS IT
1 Mbps BLE
Receiver sensitivity:
Ideal transmitter.
-91
dBm
2
PSENS DT
1 Mbps BLE
Receiver sensitivity:
Dirty transmitter.1
-89
dBm
2
RX selectivity - modulated interfering signal2
2 Mbps
C/ICO
C/I co-channel.
14
dB
2
C/I1ST
1st ACS, C/I 2 MHz.
0dB
2
C/I2ND
2nd ACS, C/I 4 MHz.
-22
dB
2
C/I3RD
3rd ACS, C/I 6 MHz.
-28
dB
2
C/I6th
6th ACS, C/I 12 MHz.
-42
dB
2
C/INth
Nth ACS, C/I fi > 25 MHz.
-48
dB
2
1 Mbps
C/ICO
C/I co-channel (1 Mbps).
12
dB
2
C/I1ST
1st ACS, C/I 1 MHz.
4
dB
2
C/I2ND
2nd ACS, C/I 2 MHz.
-24
dB
2
C/I3RD
3rd ACS, C/I 3 MHz.
-30
dB
2
C/I6th
6th ACS, C/I 6 MHz.
-40
dB
2
C/I12th
12th ACS, C/I 12 MHz.
-46
dB
2
C/INth
Nth ACS, C/I fi > 25 MHz.
-51
dB
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com