Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QFAA-R7 Datasheet(PDF) 83 Page - Nordic Semiconductor

Part # NRF51802-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R7 Datasheet(HTML) 83 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF51802-QFAA-R7 Datasheet HTML 85Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 83 / 85 page
background image
Page 83
nRF51802 Product Specification v1.2
11.4.3
QCAA QFN32 schematic with DC/DC converter setup
Figure 24 QCAA QFN32 with DC/DC converter setup
Note: For PCB reference layouts, see the Reference Layout section in our Infocenter.
C1
12pF
C2
12pF
C3
2.2nF
C4
1.0pF
C9
1.0nF
C7
4.7μF
C8
100nF
C10
47nF
C11
100nF
AVDD
VCC_nRF
VCC_nRF
P0.17
P0.00
P0.02
P0.03
P0.04
P0.06
GND
L4
10μH
C12
1.0μF
L5
15nH
AVDD
L1
5.6nH
L2
10nH
L3
2.7nH
C6
1.5pF
C14
12pF
C13
12pF
X2
32.768kHz
Optional
VDD
1
VDD
8
VDD_PA
19
ANT1
20
ANT2
21
VSS
22
VSS
23
AVDD
24
nRF51802
DCC
2
P0.00
3
P0.02
4
P0.03
5
P0.04
6
P0.06
7
P0.17
17
DEC2
18
U1
nRF51802-QCAA
X1
16MHz
C5
3.9pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com