Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374UM/D Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Signal Groupings
Freescale Semiconductor
20
SDO5_1
Output
GPIO
disconnected
Serial Data Output 5_1—When programmed as a
transmitter, SDO5_1 is used to transmit data from the TX5
serial transmit shift register.
SDI0_1
Input
Serial Data Input 0_1—When programmed as a receiver,
SDI0_1 is used to receive serial data into the RX0 serial
receive shift register.
PE6
Input, output, or
disconnected
Port E6—When the ESAI_1 is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
SDO4_1
Output
GPIO
disconnected
Serial Data Output 4_1—When programmed as a
transmitter, SDO4_1 is used to transmit data from the TX4
serial transmit shift register.
SDI1_1
Input
Serial Data Input 1_1—When programmed as a receiver,
SDI1_1 is used to receive serial data into the RX1 serial
receive shift register.
PE7
Input, output, or
disconnected
Port E7—When the ESAI_1 is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
SDO3_1
Output
GPIO
disconnected
Serial Data Output 3—When programmed as a transmitter,
SDO3_1 is used to transmit data from the TX3 serial
transmit shift register.
SDI2_1
Input
Serial Data Input 2—When programmed as a receiver,
SDI2_1 is used to receive serial data into the RX2 serial
receive shift register.
PE8
Input, output, or
disconnected
Port E8—When the ESAI is configured as GPIO, this signal
is individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
Table 11. Enhanced Serial Audio Interface_1 Signals (continued)
Signal Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com