Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374UM/D Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Signal Groupings
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
11
MOSI
Input or output
Tri-stated
SPI Master-Out-Slave-In—When the SPI is configured as a master, MOSI
is the master data output line. The MOSI signal is used in conjunction with
the MISO signal for transmitting and receiving serial data. MOSI is the slave
data input line when the SPI is configured as a slave. This signal is a
Schmitt-trigger input when configured for the SPI Slave mode.
HA0
Input
I2C Slave Address 0—This signal uses a Schmitt-trigger input when
configured for the I2C mode. When configured for I2C slave mode, the HA0
signal is used to form the slave device address. HA0 is ignored when
configured for the I2C master mode.
This signal is tri-stated during hardware, software, and individual reset.
Thus, there is no need for an external pull-up in this state.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
SS
Input
Ignored Input SPI Slave Select—This signal is an active low Schmitt-trigger input when
configured for the SPI mode. When configured for the SPI Slave mode, this
signal is used to enable the SPI slave for transfer. When configured for the
SPI master mode, this signal should be kept de-asserted (pulled high). If it
is asserted while configured as SPI master, a bus error condition is flagged.
If SS is de-asserted, the SHI ignores SCK clocks and keeps the MISO
output signal in the high-impedance state.
HA2
Input
I2C Slave Address 2—This signal uses a Schmitt-trigger input when
configured for the I2C mode. When configured for the I2C Slave mode, the
HA2 signal is used to form the slave device address. HA2 is ignored in the
I2C master mode.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
HREQ
PH4
Input or Output
Input, output, or
disconnected
Tri-stated
Host Request—This signal is an active low Schmitt-trigger input when
configured for the master mode but an active low output when configured for
the slave mode.
When configured for the slave mode, HREQ is asserted to indicate that the
SHI is ready for the next data word transfer and de-asserted at the first clock
pulse of the new data word transfer. When configured for the master mode,
HREQ is an input. When asserted by the external slave device, it will trigger
the start of the data word transfer by the master. After finishing the data word
transfer, the master will await the next assertion of HREQ to proceed to the
next transfer. This pin can also be programmed as GPIO.
Port H4—When HREQ is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
Table 9. Serial Host Interface Signals (continued)
Signal
Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com