Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374UM/D Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
External Clock Operation
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
31
Note:
1 Measured at 50% of the input transition.
2 The indicated duty cycle is for the specified maximum frequency for which a part is rated. The
minimum clock high or low time required for correct operation, however, remains the same at lower
operating frequencies; therefore, when a lower clock frequency is used, the signal symmetry may
vary from the specified duty cycle as long as the minimum high time and low time requirements
are met.
3 A valid clock signal must be applied to the EXTAL pin within 3 ms of the DSP56374 being
powered up.
Table 19. Clock Operation (continued)
No.
Characteristics
Symbol
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com