Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374UM/D Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
DC Electrical Characteristics
Freescale Semiconductor
28
8
DC Electrical Characteristics
Table 17. DC Electrical Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltages
• Core (Core_VDD)
• PLL (PLLD_VDD)
VDD
1.2
1.25
1.3
V
Supply voltages
• I/O (IO_VDD)
• PLL (PLLP_VDD)
• PLL (PLLA_VDD)
VDDIO
3.14
3.3
3.46
V
Input high voltage
• All pins
VIH
2.0
—
VIO_VDD+2V
V
Note: All 3.3-V supplies must rise prior to the rise of the 1.25-V supplies to avoid a high current condition and possible
system damage.
Input low voltage
• All pins
VIL
–0.3
—
0.8
V
Input leakage current
IIN
——
± 84
µA
Clock pin Input Capacitance (EXTAL)
CIN
4.7
pF
High impedance (off-state) input current (@ 3.46V)
ITSI
–10
—
84
µA
Output high voltage
•
IOH = -5 mA
•
XTAL Pin IOH = -10mA
VOH
2.4
—
—
V
Output low voltage
•
IOL = 5 mA
•
XTAL Pin IOL = 10 mA
VOL
——
0.4
V
Internal supply current1 (core only) at internal clock of
150 MHz
• In Normal mode
ICCI
—
65
100
mA
• In Wait mode
ICCW
—16
—
mA
• In Stop mode2
ICCS
—1.2
—
mA
Input capacitance
CIN
—
—
10
pF
Note:
1 The Current Consumption section provides a formula to compute the estimated current requirements in Normal
mode. In order to obtain these results, all inputs must be terminated (i.e., not allowed to float). Measurements are
based on synthetic intensive DSP benchmarks. The power consumption numbers in this specification are 90% of
the measured results of this benchmark. This reflects typical DSP applications. Typical internal supply current is
measured with VCORE_VDD = 1.25V, VDD_IO = 3.3V at TJ = 25°C. Maximum internal supply current is measured
with VCORE_VDD = 1.30V, VIO_VDD) = 3.46V at TJ = 115°C.
2 In order to obtain these results, all inputs, which are not disconnected at Stop mode, must be terminated (i.e., not
allowed to float).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com