Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374UM/D Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
Signal Groupings
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
23
PG9
Input,
output, or
disconnected
GPIO
disconnected
Port G9—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG10
Input,
output, or
disconnected
GPIO
disconnected
Port G10—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG11
Input,
output, or
disconnected
GPIO
disconnected
Port G11—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG12
Input,
output, or
disconnected
GPIO
disconnected
Port G12—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG13
Input,
output, or
disconnected
GPIO
disconnected
Port G13—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG14
Input,
output, or
disconnected
GPIO
disconnected
Port G14—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
Table 12. Dedicated GPIO-Port G Signals (continued)
Signal
Name
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com