Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374UM/D Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Signal Groupings
Freescale Semiconductor
12
4.7
Enhanced Serial Audio Interface
Table 10. Enhanced Serial Audio Interface Signals
Signal Name
Signal Type
State during
Reset
Signal Description
HCKR
Input or output
GPIO
disconnected
High Frequency Clock for Receiver—When programmed
as an input, this signal provides a high frequency clock
source for the ESAI receiver as an alternate to the DSP
core clock. When programmed as an output, this signal can
serve as a high-frequency sample clock (e.g., for external
digital to analog converters [DACs]) or as an additional
system clock.
PC2
Input, output, or
disconnected
Port C2—When the ESAI is configured as GPIO, this signal
is individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
HCKT
Input or output
GPIO
disconnected
High Frequency Clock for Transmitter—When programmed
as an input, this signal provides a high frequency clock
source for the ESAI transmitter as an alternate to the DSP
core clock. When programmed as an output, this signal can
serve as a high frequency sample clock (e.g., for external
DACs) or as an additional system clock.
PC5
Input, output, or
disconnected
Port C5—When the ESAI is configured as GPIO, this signal
is individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
This pin has an internal pull up resistor.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com