Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374UM/D Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
JTAG Timing
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
51
Figure 18. Test Clock Input Timing Diagram
109
TCK cycle time in Crystal mode
100.0
—
ns
110
TCK clock pulse width measured at 1.65 V
50.0
—
ns
111
TCK rise and fall times
—
3.0
ns
112
Boundary scan input data setup time
15.0
—
ns
113
Boundary scan input data hold time
24.0
—
ns
114
TCK low to output data valid
—
40.0
ns
115
TCK low to output high impedance
—
40.0
ns
116
TMS, TDI data setup time
5.0
—
ns
117
TMS, TDI data hold time
25.0
—
ns
118
TCK low to TDO data valid
—
44.0
ns
119
TCK low to TDO high impedance
—
44.0
ns
Note:
1. VCORE_VDD = 1.25 V ± 0.05 V; TJ = -40°C to 110°C (52 LQFP) / -40°C to 105°C (80 LQFP), CL = 50 pF
2. All timings apply to OnCE module data transfers because it uses the JTAG port as an interface.
Table 27. JTAG Timing (continued)
No.
Characteristics
All frequencies
Unit
Min
Max
TCK
(Input)
VM
VM
VIH
VIL
109
110
110
111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com