Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374UM/D Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
External Clock Operation
Freescale Semiconductor
30
If the DSP56374 system clock is an externally supplied square wave voltage source, it is connected to
EXTAL (Figure 2.). When the external square wave source connects to EXTAL, the XTAL pin is not used.
Figure 2. External Clock Timing
Table 19. Clock Operation
No.
Characteristics
Symbol
Min
Max
Units
6
EXTAL input high 1
(40% to 60% duty cycle)
Eth
3.33
50
ns
7
EXTAL input low2
(40% to 60% duty cycle)
Etl
3.33
50
ns
8
EXTAL cycle time
• With PLL disabled
• With PLL enabled
Etc
6.67
50
inf
200
ns
9
Instruction cycle time= ICYC = TC
3
• With PLL disabled
• With PLL enabled
Icyc
6.67
6.67
inf
13.33
ns
Suggested component values:
fosc = 24.576 MHz
R = 1 M ±10%
C (EXTAL)= 18 pF
Calculations are for a 12 - 49 MHz crystal with the following parameters:
• shunt capacitance (C0) of 10 pF - 12 pF
• series resistance 40 Ohm
C (XTAL) = 47 pF
• drive level of 10
µW
EXTAL
VIL
VIH
Midpoint
Note:
The midpoint is 0.5 (VIH + VIL).
ETH
ETL
ETC
7
8
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com