Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374UM/D Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Serial Host Interface (SHI) I2C Protocol Timing
Freescale Semiconductor
42
47
Start condition hold time
THD;STA
4.0
—
0.6
—
µs
48
SCL low period
TLOW
4.7
—
1.3
—
µs
49
SCL high period
THIGH
4.0
—
1.3
—
µs
50
SCL and SDA rise time
TR
—5.0
—
5.0
ns
51
SCL and SDA fall time
TF
—5.0
—
5.0
ns
52
Data set-up time
TSU;DAT
250
—
100
—
ns
53
Data hold time
THD;DAT
0.0
—
0.0
0.9
µs
54
DSP clock frequency
• Filters bypassed
• Very Narrrow filters enabled
• Narrow filters enabled
• Wide filters enabled
FOSC
10.6
10.6
11.8
13.1
—
—
—
—
28.5
28.5
39.7
61.0
—
—
—
—
MHz
MHz
MHz
MHz
55
SCL low to data out valid
TVD;DAT
—3.4
—
0.9
µs
56
Stop condition setup time
TSU;STO
4.0
—
0.6
—
µs
57
HREQ in deassertion to last SCL edge
(HREQ in set-up time)
tSU;RQI
0.0
—
0.0
—
ns
58
First SCL sampling edge to HREQ output
deassertion2
• Filters bypassed
• Very Narrow filters enabled
• Narrow filters enabled
• Wide filters enabled
TNG;RQO
4
× T
C + 30
4
× T
C + 50
4
× T
C + 130
4
× T
C + 230
—
—
—
—
57.0
77.0
157.0
257.0
—
—
—
—
57.0
67.0
157.0
257.0
ns
ns
ns
ns
59
Last SCL edge to HREQ output not
deasserted2
• Filters bypassed
• Very Narrow filters enabled
• Narrow filters enabled
• Wide filters enabled
TAS;RQO
2
× T
C + 30
2
× T
C + 40
2
× T
C + 80
2
× T
C + 130
44
54
94
144
—
—
—
—
44
54
94
144
—
—
—
—
ns
ns
ns
ns
60
HREQ in assertion to first SCL edge
• Filters bypassed
• Very Narrow filters enabled
• Narrow filters enabled
• Wide filters enabled
TAS;RQI
4327
4317
4282
4227
—
—
—
—
927
917
877
827
—
—
—
—
ns
ns
ns
ns
61
First SCL edge to HREQ is not asserted
(HREQ in hold time.)
tHO;RQI
0.0
—
0.0
—
ns
Table 22. SHI I2C Protocol Timing (continued)
Standard I2C
No.
Characteristics1,2,3,4,5
Symbol/
Expression
Standard
Fast-Mode
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com