Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56374UM/D Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Signal Groupings
Freescale Semiconductor
14
SCKR
Input or output
GPIO
disconnected
Receiver Serial Clock—SCKR provides the receiver serial
bit clock for the ESAI. The SCKR operates as a clock input
or output used by all the enabled receivers in the
asynchronous mode (SYN=0), or as serial flag 0 pin in the
synchronous mode (SYN=1).
When this pin is configured as serial flag pin, its direction is
determined by the RCKD bit in the RCCR register. When
configured as the output flag OF0, this pin will reflect the
value of the OF0 bit in the SAICR register, and the data in
the OF0 bit will show up at the pin synchronized to the
frame sync in normal mode or the slot in network mode.
When configured as the input flag IF0, the data value at the
pin will be stored in the IF0 bit in the SAISR register,
synchronized by the frame sync in normal mode or the slot
in network mode.
PC0
Input, output, or
disconnected
Port C0—When the ESAI is configured as GPIO, this signal
is individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
SCKT
Input or output
GPIO
disconnected
Transmitter Serial Clock—This signal provides the serial bit
rate clock for the ESAI. SCKT is a clock input or output used
by all enabled transmitters and receivers in synchronous
mode, or by all enabled transmitters in asynchronous
mode.
PC3
Input, output, or
disconnected
Port C3—When the ESAI is configured as GPIO, this signal
is individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
Table 10. Enhanced Serial Audio Interface Signals (continued)
Signal Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com