| Electronic Components Datasheet Search |
|
TDA8006H/C2 Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8006H/C2 Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 40 page ![]() 2000 Feb 21 12 Philips Semiconductors Product specification Multiprotocol IC Card coupler TDA8006 ISO 7816 security The correct sequence during activation and deactivation of the card is ensured by a specific sequencer clocked at a frequency which is a division ratio of the internal oscillator. Activation (bit CMDVCC within the ports extension register HIGH) is only possible if the card is present (pin PRES HIGH or LOW according to the mask option) and if the supply voltage is correct (ALARM signal inactive). The presence of the card is signalled to the controller by the OFF bit (within the UART status register), generating an interrupt, if enabled, when toggling. During a session, the sequencer performs an automatic emergency deactivation in the event of card take-off, supply voltage drop or short circuit. The OFF bit goes LOW, thereby warning the controller through the interrupt line INT0 and the status register. Peripheral interface (see Figs 5 and 6) This block allows parallel communication with the four peripherals (ISO 7816 UART, clock generator, on/off sequencer and auxiliary RAM) through an 8-bit data bus, 6-bit address and control bus and one interrupt line to the controller. The data bus consists of ports P40 (data bit 0) to P47 (data bit 7). The address bus consists of ports AD0 (P12), AD1 (P13), AD2 (P14) and AD3 (P15). The control lines are R/W (P16) and EN (P17). The interrupt line is INT0. During a read operation, EN goes LOW allowing the controller to read data on the bus. During a write operation, the data should be present on the bus before asserting EN LOW which allows the data to be written to the registers. After resetting EN HIGH, the controller must release the bus by setting port P4 HIGH again (the transition times on port P4 are less than 500 ns). The interrupt line is reset HIGH when reading out the status register. READ OPERATION • Set port P4 to FFH • Select the register with AD0, AD1, AD2, AD3 • Assert R/W HIGH • Assert EN LOW; the data is available on data bus P4 • Read the data on port P4 • Set EN HIGH; the bus is set to high impedance. WRITE OPERATION • Select the correct register with AD0, AD1, AD2, AD3 • Assert R/W LOW • Write data to the data bus port P4 • Assert EN LOW; the data is written to the register • Set EN HIGH • Set port P4 to FFH; the bus is set to high impedance. Integrated precharges allow fast rising edges on port P4 when changing from read mode to write mode, thus avoiding the need to trigger the active pull-ups on port P4. handbook, full pagewidth MGR229 P4 XX FF FF FF DATA R/W AD0 to AD3 X AD AD read data cycle write data cycle EN DATA Fig.5 Use of peripheral interface. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |