Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8006H/C2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8006H/C2
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006H/C2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8006H/C2 Datasheet HTML 13Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 14Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 15Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 16Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 17Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 18Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 19Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 20Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
2000 Feb 21
17
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
On/off controller
Table 8
On/off controller bits (PER; address 7; write only; all bits cleared after reset)
BIT
NAME
DESCRIPTION
D0
CMDVCC; set and reset by software
set to 1 for starting activation sequence of the card, and reset
to 0 for starting deactivation
D1
RSTIN; set and reset by software
control line RST for card contact C2 in manual mode (active
HIGH)
D2
Force Inverse Parity (FIP); set and reset by
software
when LOW, the UART processes the parity according to
ISO 7816; when HIGH, the UART processes the inverse parity
(which causes parity errors during transmission and ‘not
acknowledge’ signals during reception)
D3
automatic ATR processing enabling
(ATREN); set by software, reset by
hardware
when HIGH, the UART automatically counts the clock pulses
during ATR and controls the RST contact; this bit is
automatically reset by hardware when a start bit is detected
on I/O or when the card is declared as mute; when LOW, this
automatic processing is disabled (manual mode)
D4
K0; set and reset by software
auxiliary
±2 mA push-pull output control (inverted output)
D5
K1; set and reset by software
auxiliary
±2 mA push-pull output control (inverted output)
D6
K2; set and reset by software
auxiliary
±2 mA push-pull output control (inverted output)
D7
K3; set and reset by software
auxiliary
±2 mA push-pull output control (inverted output)
The on/off controller is used for activating or deactivating
the card, for controlling contact C2 (RST) manually
through RSTIN or automatically, for forcing inverse parity
(for flow control or test purposes), and for controlling four
independent push-pull output lines K0 to K3.
After having cleared the ISO 7816 UART reset bit (see
UART configuration register) and checking the card
presence within the status register, the software may
initiate an activation sequence by setting bit CMDVCC
HIGH. It may also initiate a deactivation sequence by
resetting this bit (see activation and deactivation
sequences).
The timings during the ATR may be checked either
manually (using RSTIN and t3/t5 for counting clock pulses)
or automatically by setting bit ATREN HIGH (see Section
“Activation sequence”). In this case, hardware controls
both RST and the counting of CLK pulses. Bit ATREN is
reset by hardware when a start bit has been detected
before 2
× 40100 CLK pulses for versions C2 and C3
(2
× 45000 CLK pulses for version C1), or when the card
is declared as ‘mute’. Setting this bit HIGH again during a
session initiates a warm reset.
A warm reset may also be done manually by using RSTIN
and t3/t5 again.
ISO 7816 UART
The ISO 7816 UART handles all specific requirements
defined in ISO 7816 T = 0 and T = 1 protocol types. It is
also able to deal with synchronous cards (in conjunction
with contacts C4 and C8). In addition, there is a possibility
to force parity errors for test purposes or flow control.
The counting of CLK cycles during ATR is possible by
either hardware or software.
The ISO 7816 UART is configured with 2 registers: UART
Configuration Register (UCR) and Guard Time Register
(GTR).
When timings are given in terms of ETU (Elementary Time
Unit as defined by ISO 7816), then the reference is the
negative edge of the start bit of the character being
received or transmitted, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com