Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8006H/C2 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8006H/C2
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006H/C2 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8006H/C2 Datasheet HTML 18Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 19Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 20Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 21Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 22Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 23Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 24Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 25Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
2000 Feb 21
22
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
UART Transmit Register (UTR; address 4; write only;
all bits cleared after reset)
Bits D7 to D0 are the data bits to be transmitted to the
card. Due to the automatic conversion performed by the
UART according to the convention detected during TS, the
controller must write the characters to send to the card in
direct convention. The character to be sent may be written
to the UTR as soon as bit TBE (Transmit Buffer Empty) is
set in the status register.
If writing to the UCR occurs after 12.5 ETU + GT after the
previous start bit, then the transmission starts on the rising
edge of EN during the write operation. If writing to the UCR
occurs before 12.5 ETU + GT after the previous start bit,
the UART waits until 12.5 ETU + GT after the previous
start bit before starting the transmission.
In protocol T = 0, if a parity error is signalled by the card,
the previous character must be rewritten to the UTR.
The UART will then wait 13 ETU after the start bit of the
previous character before restarting the transmission.
STATUS REGISTER AND INTERRUPTS
The ISO 7816 UART reports its activity to the
microcontroller through the UART status register, which
acts upon the interrupt line INT.
All bits except for D5 generate an interrupt on INT, if
enabled, when they are set. D0, D2, D3, D4, D6 and D7
are cleared on the rising edge of EN after a read operation
of the USR. D1 is cleared when the data in the reception
buffer has been read-out. D5 may be used to check the
card’s presence and also to determine the reason for an
emergency deactivation during a card’s session. In case of
Early Answer (EA) or Mute Card (MC) during automatic
ATR processing, the card is not automatically deactivated.
If enabled, an interrupt is generated, and the controller
then decides to deactivate or not.
Table 11 UART Status Register (USR; address 5; read only; all bits cleared after reset except for D5)
BIT
NAME
DESCRIPTION
D0
TX Buffer Empty (TBE)
this bit is set when the UART has finished transmitting the data written in
the UTR (at 10.8 ETU) or on the rising edge of TRN; it is reset on the rising
edge of EN during a read status operation
D1
RX Buffer Full (RBF)
this bit is set when the UART has finished receiving a character from the card
(at 10.5 ETU); it is reset on the falling edge of EN during the read status
operation
D2
First Start Detect (FSD)
this bit is set on the falling edge of the first start bit if SS = 1; it is reset on the
rising edge of EN during a read status operation
D3
Parity Error (PE)
this bit is set when a parity error has been detected by the UART in
transmission or in reception mode at the same time as TBE and RBF; it is
reset on the rising edge of EN during a read status operation
D4
Early Answer (EA)
this bit is set if a start bit has been detected on I/O between the 200 and 400
first CLK pulses when the UART is configured in automatic ATR processing; it
is reset on the rising edge of EN during a read status operation
D5
OFF
this bit is set if the card is present and reset if the card is not present;
if CMDVCC is set HIGH, it may also be reset if a hardware problem causing
an emergency deactivation sequence has occurred
D6
Off Interrupt (OFFI)
this bit is set when OFF state has changed; it is reset on the rising edge of EN
during a read status operation
D7
Mute Card (MC)
this bit is set if a card has not answered after 80200 CLK pulses for versions
C2 and C3 (90000 for version C1), when the ISO 7816 UART is configured in
automatic ATR processing; it is reset on the rising edge of EN during a read
status operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com