Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8006H/C2 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA8006H/C2
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006H/C2 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA8006H/C2 Datasheet HTML 28Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 29Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 30Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 31Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 32Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 33Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 34Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 35Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
2000 Feb 21
32
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
Notes
1. IDD in all configurations include the current at pins VDD, VDDA and VDDRAM.
2. Values given for program executed from internal ROM. Current consumption may be higher if program is executed
from external ROM or if charges are present on I/O ports.
3. A ceramic multilayer capacitor having a minimum value of 100 nF with a low ESR should be used to obtain these
specifications.
4. The I/O line has an integrated 10 k
Ω pull-up resistor at pin VCC.
5. Pins C4 and C8 have integrated 10 k
Ω pull-up resistors at pin VCC; ports P34 and P35 have integrated 20 kΩ pull-up
resistors at pin VDD.
OPTIONS
Table 12 Options
Card presence input (pin PRES)
VIL
LOW-level input voltage
−−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−−
V
ILIL
LOW-level input leakage
current
Vi =0V
−−
20
µA
ILIH
HIGH-level input leakage
current
Vi =VDD
−−
20
µA
FEATURES
OPTIONS
Alarm
active HIGH
active LOW
Presence
active HIGH
active LOW
MOVEC protection
on
off
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com