Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8006H/C2 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA8006H/C2
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006H/C2 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA8006H/C2 Datasheet HTML 21Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 22Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 23Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 24Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 25Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 26Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 27Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 28Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
2000 Feb 21
25
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
Deactivation sequence
When the session has completed, the microcontroller sets
CMDVCC LOW (t10). The circuit then executes an
automatic deactivation sequence:
• Card reset (RST goes LOW) (t11)
• Clock is stopped (t12)
• I/O goes LOW (t13)
• VCC falls to 0 V with typically 0.16 V/µs slew rate (t14)
• The step-up converter is stopped and CLK, RST, VCC
and I/O become low impedance to GND (t15).
t11 =t10 + 1⁄64T, t12 =t11 + 1⁄2T, t13 =t11 +T,
t14 =t11 + 3⁄2T, t15 =t11 + 5T.
tde is the time that VCC requires to fall to less than 0.3 V.
handbook, full pagewidth
MGR237
CMDVCC
RST
I/O
VCC
CLK
VUP
t10
t11
t12
t13
t14
t15
tde
Fig.13 Deactivation sequence.
Protection
The main hardware fault conditions monitored by the
circuit are:
• Overcurrent on VCC
• Short circuits between VCC and other contacts
• Card take-off during transaction.
When one of these problems is detected, the security logic
block sets the OFF bit LOW which generates an interrupt
warning the microcontroller and initiates an automatic
deactivation of the contacts.
When the deactivation has completed and CMDVCC has
been set LOW, the OFF bit goes HIGH, unless the problem
was caused by a card extraction, in which case it remains
LOW until a card is inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com