Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8006H/C2 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA8006H/C2
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006H/C2 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA8006H/C2 Datasheet HTML 29Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 30Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 31Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 32Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 33Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 34Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 35Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 36Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGR239
34
RESET
35
P10/T2
36
P11/T2EX
37
n.c.
38
P30/RXD
39
P31/TXD
40
P33/INT1
41
P36/WR
42
P37/RD
43
P20
44
22
21
20
19
18
17
16
15
14
13
12
P21
VUP
S2
VDDA
S1
AGND
CLK
RST
GNDRAM
VDDRAM
n.c.
n.c.
1
2
3
4
5
Y2
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
TDA8006AH
CARD READ UNIT
reset
RX
TX
14.745 MHz
C20
33 pF
C21
33 pF
C7
4.7
nF
C14
100 nF
C9
100 nF
C4
100
nF
C6
100 nF
C5
100 nF
C1
100 nF
C10
47 pF
VDD
C2
100
nF
C3
10
µF
VDD
VDD
VDD
C20
100 nF
C21
33
µF
VDD
+5 V
GND
J1
J1
1
2
R2
100 k
Ω
R1
0
Ω
C8
C7
C6
C5
C1I
C2I
C3I
C4I
K1
K2
C4
C3
C2
C1
C5I
C6I
C7I
C8I
Fig.15 Application diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com