Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8006H/C2 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA8006H/C2
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006H/C2 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA8006H/C2 Datasheet HTML 24Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 25Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 26Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 27Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 28Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 29Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 30Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 31Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
2000 Feb 21
28
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
CHARACTERISTICS
VDD =5V; VSS =0V; Tamb =25 °C; for general purpose I/O ports refer to 80CE560 data sheet; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDA
analog supply voltage
4.2
−
6.0
V
VDDD
digital supply voltage
4.2
−
6.0
V
IDD(pd)
supply current in power-down
mode
VDD = 5 V; card inactive; note 1
−−
250
µA
IDD(sm)
supply current in sleep mode
card powered, microcontroller in
power-down mode but with clock
stopped; note 1
−−
1500
µA
IDD(om)
supply current operating mode ICC = 65 mA; fxtal = 20 MHz;
fclk = 10 MHz; fosc = 20 MHz;
fCLKOUT = 20 MHz; 5 V card;
notes 1 and 2
130
−
180
mA
ICC = 65 mA; fxtal = 20 MHz;
fclk = 10 MHz; fosc = 20 MHz;
fCLKOUT = 20 MHz; 3 V card;
notes 1 and 2
65
−
90
mA
unloaded; fxtal = 20 MHz;
fclk = 5 MHz; fosc = 10 MHz;
fCLKOUT = 5 MHz; 5 V card;
notes 1 and 2
1
−
6mA
unloaded; fxtal = 20 MHz;
fclk = 5 MHz; fosc = 10 MHz;
fCLKOUT = 5 MHz; 3 V card;
notes 1 and 2
0.5
−
4mA
Vth(VDD)
threshold voltage on VDD
(falling)
3.6
−
3.95
V
Vhys(VthVDD) hysteresis on Vth(VDD)
50
−
250
mV
Vth(CDELAY)
threshold voltage on
pin CDELAY
−
1.38
−
V
VCDELAY
voltage on pin CDELAY
−−
VDD
V
ICDELAY
output current at pin CDELAY
pin grounded (charge)
−−1
−µA
VCDELAY =VDD (discharge)
−
2
−
mA
tW
ALARM pulse width
CCDELAY =10nF
−
10
−
ms
ALARM (open drain active HIGH or LOW output)
IOH
HIGH-level output current
active LOW option; VOH =5V
−−
10
µA
VOL
LOW-level output voltage
active LOW option; IOL =2mA
−0.3
−
+0.4
V
IOL
LOW-level output current
active HIGH option; VOL =0V
−−
−10
µA
VOH
HIGH-level output voltage
active HIGH option; IOH = −2mA VDD − 0.8 −
VDD + 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com