| Electronic Components Datasheet Search |
|
TDA8006H/C2 Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8006H/C2 Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 40 page ![]() 2000 Feb 21 20 Philips Semiconductors Product specification Multiprotocol IC Card coupler TDA8006 handbook, full pagewidth MGR233 I/O TRN P4 FF FF FF FF FF TBE LCT R/W EN INT transmission read status start transmit read status int cleared write character anything buffer empty int cleared write character anything buffer empty start receive TRN/LCT reset set LCT start transmit Fig.9 Character transmission with or without LCT. SYNCHRONOUS CARDS If bit SAN (Synchronous/Asynchronous-N) is set, the software can operate with synchronous cards; the information available on the I/O line is copied on data bit 0 of the data bus without entering the UART when either registers SIR or SOR are selected. At the end of a transmission in synchronous mode, it is necessary to switch back to synchronous reception mode by reading register SIR. The synchronous clock may be controlled by selecting CLK STOP HIGH or STOP LOW. Contacts C4 and C8 may be controlled by ports P34 and P35 (operation depends on synchronous card type). Synchronous Input Register (SIR; address 3; read only) When this register is selected, I/O is copied on data bit 0 (P40) and may be read by the controller. Synchronous Output Register (SOR; address 3; write only) When this register is selected, I/O is copied on data bit 0 (P40) on the falling edge of EN. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |