Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8006H/C2 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA8006H/C2
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006H/C2 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA8006H/C2 Datasheet HTML 19Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 20Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 21Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 22Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 23Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 24Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 25Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 26Page - NXP Semiconductors TDA8006H/C2 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
2000 Feb 21
23
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
Auxiliary RAM (MAR0, address C or D, write only;
MAR1, address E or F, write only; MRR, MWR,
address 8 or 9, read/write; all bits cleared after reset)
In order to store data, 1 kbyte of auxiliary RAM may be
accessed through the peripheral interface. The content of
the RAM is undefined after reset. Note that only AD3,
AD2 and AD1 must be programmed for addressing the
RAM register, allowing faster operations if needed.
There are two methods to address this memory:
• Random method: the low order address is written in
MAR0, and the high order address is written in MAR1.
A write operation to MWR will write the data at the
preselected address on the falling edge of EN, and a
read operation to MRR will load to port P4 the data that
is stored at the preselected address on the falling edge
of EN.
• Sequential method: once low order and high order
addresses are written in MAR0 and MAR1, every read
or write operation to MRR or MWR will increment the
address that is stored in MAR0 and MAR1. Thus it is
possible to read or write data strings within the auxiliary
RAM without rewriting the addresses between 2 data
bytes. The auto-increment feature is operational on the
whole length of the RAM. In case of overflow, the count
starts again at address 00H.
Output Ports Extension Register (PER, address 7,
write only; all bits cleared after reset)
In this register, the four low order bits control the activation
of the card. The four high order bits D4, D5, D6 and D7
each control auxiliary
±2 mA push-pull output ports, which
can be used for any purpose (LEDs, control signals, etc.).
The electrical state of a port is HIGH if the bit is LOW, and
LOW if the bit is HIGH. The bits are cleared after reset
making the ports HIGH.
Activation sequence
When the card is inactive, pins VCC, CLK, RST and I/O are
LOW, having low impedance with respect to GND.
The step-up converter is stopped. The I/O is configured in
reception mode with a high impedance path to the
ISO 7816 UART. Any spurious pulses from the card during
power-up will have no effect until I/O is enabled. When
requirements are fulfilled (correct voltage supply, card
present, no hardware problems), the microcontroller may
initiate an activation sequence by setting bit CMDVCC
HIGH (t0).
• The step-up converter starts (t1)
• VCC starts rising from 0 to 5 V or to 3 V with a controlled
rise time of typically 0.16 V/
µs(t2)
• I/O, contacts C4 and C8 buffers are enabled (t3);
integrated pull-up resistors of 10 k
Ω are connected to
VCC
• CLK is sent to the card (t4)
• RST buffer is enabled (t5).
In order to allow a precise count of clock pulses during
ATR in manual mode, a defined time window (t3/t5) is
opened where the clock may be sent to the card using
RSTIN. Beyond this window, RSTIN does not respond to a
clock pulse, and only monitors the card’s RST contact.
In automatic mode (ATREN set HIGH), RST is monitored
by the TDA8006, RSTIN is inactive and CLK is output by
the TDA8006 at t3. RST is LOW. If the card has not
responded within the period of 40100 CLK pulses for
versions C2 and C3 (45000 for version C1), RST is set
HIGH for a maximum of 40100 CLK pulses for versions
C2 and C3 (45000 for version C1).
It is also possible to customize the activation sequence by
keeping CLK STOP LOW with RSTIN LOW beyond t5, and
then output CLK using the CLK configuration.
The sequencer is clocked by 1
⁄64fINT which gives a time
interval T of typically 25
µs. Thus t1 =0to 1⁄64T, t2 =t1 +T,
t3 =t1 + 4T, t4 =t3 to t5 and t5 =t1 + 7T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com