Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVBA0ES Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MFS2400AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVBA0ES Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MFS2400AVBA0ES Datasheet HTML 25Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 26Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 27Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 28Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 29Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 30Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 31Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 32Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
13.2 Operating range
aaa-046835
5.5 V
V1UV_LP
VBOS_UV
18 V
28 V
40 V
LPOFF mode
Extended voltage range,
potential thermal Iimitation
Extended voltage range,
potential thermal Iimitation
Extended voltage range,
potential thermal Iimitation
High Voltage extended
Operation
High Voltage extended
Operation
High Voltage extended
Operation
Electrical Characteristics
not guaranteed
Electrical Characteristics
not guaranteed
LPON mode
NORMAL mode
Risk of damage
Risk of damage
Risk of damage
Full Operation
Full Operation
Full Operation
No Operation
No Operation
No Operation
Figure 17. Input voltage range in LPOFF, LPON, and NORMAL mode
• VSUP > 28 V: potential thermal limitation (risk of TSD detection)
• VSUP > 18 V: extended high-voltage transient operation (Load dump)
• VSUP < 5.5 V: linear regulator needs a minimum of 5.5 V input when configured to deliver 5 V output. AMUX,
CAN and IO specified for VSUP > 5.5 V
• VSUP < VBOS_UV in LPOFF mode: wake-up capability of the device is not guaranteed anymore, risk of POR
• VSUP < V1UV_LP in LPON mode: undervoltage detected on V1 in LPON mode leads the device to Fail-safe
mode, with all regulators OFF
• VSUP < VBOS_UV in NORMAL mode: the device goes to Fail-safe mode, with all regulators OFF
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
29 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com