Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVBA0ES Datasheet(PDF) 31 Page - NXP Semiconductors

Part # MFS2400AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVBA0ES Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MFS2400AVBA0ES Datasheet HTML 27Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 28Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 29Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 30Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 31Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 32Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 33Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 34Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
14 Power management
Regulator
Type
Input supply
Output range
Max DC current
V1
HV buck regulator
V1_IN
(V1+ 1 V to 40 V)
1.9 V to 5.5 V
400 mA
V3
HV Linear regulator
V3_IN
(V3+500 mV to 40 V)
3.3 V or 5 V
150 mA
Table 12. FS24 regulators list
The FS24 includes two regulators, all supplied in parallel from the battery line.
The FS24 starts when VSUP > VSUP_UVH, with VBOS first, followed by V1 (HVBUCK), and the power-up
sequencing from the OTP programming for the remaining regulator V3 (HVLDO).
14.1 V1 HVBUCK: High-voltage buck regulator
14.1.1 Functional description
HVBUCK block is a high-voltage, integrated synchronous buck. It can be used to supply the ECU MCU and
other local loads inside the ECU.
General operation
HVBUCK operates in force PWM or PFM modes and uses internal N-type FETs. The output voltage (1.9 V to 5
V) and the switching frequency (450 kHz or 2.25 MHz) are configurable by OTP. Compensation is ensured by
internal circuitry.
The current in the inductor is sensed via the internal FETs, through the High-Side switch when it’s turned on
and through the Low-Side switch when it’s turned on. This information is used to compute an average that is
reflecting the output DC current.
Mode-specific operation
HVBUCK operates in PWM when the FS24 is in Normal mode and in PFM when the FS24 is in Low-power
on mode (LPON). HVBUCK output voltage can be different in Normal mode and in LPON mode. The voltage
rampup/down between the normal and the LPON voltages is done in PWM mode.
Current limitation
HVBUCK has current limitation protection features. In PWM mode, HVBUCK has both peak and average
current limitations, configurable by OTP. In PFM mode, HVBUCK has a peak current limitation, also configurable
by OTP. An overcurrent detection is also implemented on the Low-Side MOSFET, to detect high-negative
current in case of output short to the battery.
When HVBUCK current reaches one of its current limitations, V1OC_I flag is set. The regulator stays enabled
but it induces a duty-cycle reduction and therefore an output voltage drop, which could lead to an undervoltage
detection (V1UV_I flag generated).
Input voltage range
When IBUCK current load is higher than 400 mA, V1_IN shall be above (VBUCK + ((Max(RLS_BUCK) +
Max(RDCR_LBUCK)) x IBUCK))/0.905 to guarantee HVBUCK output-voltage regulation (4.06 V at IBUCK = 400 mA
with RDCR_LBUCK = 200 mΩ and VBUCK = 3.3 V).
Thermal shutdown
When a thermal shutdown is detected, the regulator is disabled and V1TSD_I flag is generated.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
31 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com