Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVBA0ES Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MFS2400AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVBA0ES Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MFS2400AVBA0ES Datasheet HTML 52Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 53Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 54Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 55Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 56Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 57Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 58Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 59Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
18.1.1.3 CAN wake-up
When the CAN transceiver is in Wake-capable mode, a valid CAN wake-up is detected when a dominant
– recessive – dominant pattern is observed on the CAN bus, where the dominant and recessive phases
are longer than TCAN_WU_FILT. The total pattern is valid only if it is shorter than the wake-up timeout time
TCAN_WU_TO.
aaa-046853
Dominant
Dominant
Recessive
Tpatern < TCAN_WU_TO
TREC > TCAN_WU_FILT
TDOM > TCAN_WU_FILT
TDOM > TCAN_WU_FILT
CAN Bus
CAN Wake up
Figure 36. CAN Wake-up timing diagram
After a CAN wake-up event if CAN_WU_TMR_BYP = 0, once the FS2400 state machine reaches Normal mode,
CANRXD pin will be asserted low for 1.5 ms.
CAN_WU_I flag indicates that the FS2400 woke up from Low-power mode after a CAN wake-up pattern. The
flag must be cleared after each wake-up event in order for the CAN communication to work properly.
18.1.1.4 CAN Listen-only mode
The CAN transceiver Listen-only mode is entered from Wake-capable mode when CAN mode is set to 2b’01 or
when CAN mode is set to 2b’10 or 2b’11 and CANTXD is low (bus dominant) for more than TCAN_DOM_TO. The
device must be in Normal mode and no undervoltage on V3 must be detected.
In this mode, CANH and CANL pins are biased to 0.5 x V3 and CANTXD is maintained high by an internal
pullup resistor RCANTXD_PU connected to VDDIO.
The low-power wake-up receiver and the transmitter are disabled. Only the normal receiver is enabled. The
device is only able of reporting the bus level to the CANRXD pin. The device is not able to transmit information
from TXD to the bus.
18.1.1.5 CAN Active mode
The CAN transceiver Active mode is entered from Wake-capable or Listen-only mode when CAN mode is set to
2b’10 or 2b’11 and CANTXD is high (bus recessive). The device must be in Normal mode and no undervoltage
on V3 should be detected. When a TSD- or a CAN-dominant timeout is detected, the transceiver goes back to
Listen-only mode and the transmitter is disabled.
In this mode, the normal receiver and the transmitter are enabled, and the low-power receiver is disabled. The
device can transmit information from CANTXD to the CAN bus and report the bus level to the CANRXD pin.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
56 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com