| Electronic Components Datasheet Search |
|
MFS2400AVBA0ES Datasheet(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS2400AVBA0ES Datasheet(HTML) 46 Page - NXP Semiconductors |
|
46 / 151 page ![]() NXP Semiconductors FS2400 Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver 16.2 HVIO1 HVIO1 pin is a high-voltage input/output. It can be used as input (as a wake-up source, a mode selection pin or an external device monitoring pin) or as open-drain output. aaa-049160 SPI HVIO pin status RPU_HVIO1 RPD_HVIO1 HVIO1 HVIO1 VSUP Control Figure 30. HVIO1 pin 16.2.1 HVIO1 used as input The HVIO1 pin can be used as a simple wake-capable input. In this case, when the device is in Normal mode, any event on HVIO1 pin generates a flag (HVIO1_I), when not masked (HVIO1_M). In Low-power modes, wake-up event can be generated on level (high or low) depending on HVIO1_WUCFG[1:0] bits. Using the same bits, the MCU can configure HVIO1 as "mode selection". When configured as mode selection, HVIO1 pin voltage level commands the transition between Normal mode and LPON (Low-power on). A falling edge makes FS2400 switch from Normal to LPON mode, a rising edge makes FS2400 switch from LPON to Normal mode. When used as a wake-up source, wake-up filtering time is configurable by SPI using HVIO1_DGLY bit. Internal pulldown and pullup resistors can be enabled, disabled or configured as cell repeater as per HVIO1PUPD_OTP[1:0] bits. Note: Cell-repeater configuration is used to reduce the current consumption. In this configuration, the pullup or pulldown selection follows the state of the internal buffer output after filtering. If the buffer output is low, pulldown resistor is selected. If the buffer output is high, the pullup resistor is selected. When an HVIO pin is used as a global input pin, an R - C protection is required. See Section 11. HVIO1 can also be configured as ERRMON input, to provide MCU or external device error detection. See Section 19.4. 16.2.2 HVIO1 used as output HVIO1 can be configured as open-drain output by OTP via HVIO1_OUT_EN_OTP bits. In this case, the output state can be controlled by SPI using HVIO1HI and HVIO1LO control bits. The default output state can be configured by OTP using HVIO1_OUT_DFLT_OTP. HVIO1 can also be assigned to one of the slots (SLOT0/1/2) by OTP using HVIO1_SLOT_POL_OTP. In this case, during power up, the pin follows the default state as soon as the OTP configuration is loaded in the mirror registers, and the pin FS2400 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 4 — 23 October 2024 Document feedback 46 / 151 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |