Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVBA0ES Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MFS2400AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVBA0ES Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MFS2400AVBA0ES Datasheet HTML 55Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 56Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 57Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 58Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 59Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 60Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 61Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 62Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. VVCC5CAN = 4.5 to 5.5 V, unless
otherwise specified. VDDIO = 1.8 V to 5.5 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
ICAN_ACT_DOM
CAN current consumption, Active mode, dominant state,
Tj = 150 °C, VVCC5CAN = 5 V
-
-
60
mA
ICAN_ACT_REC
CAN current consumption, Active mode, recessive state,
Tj = 150 °C, VVCC5CAN = 5 V
1
4
7
mA
ICAN_WU
CAN current consumption, wake-up capability,
Tj = 85 °C, VBOS = 5 V
1
3
10
µA
IQCANH
CANH input leakage current VCANH = 5 V, all supply inputs connected
to GND
-10
-
10
µA
IQCANL
CANL input leakage current, VCANL = 5 V, all supply inputs connected
to GND
-10
-
10
µA
Dynamic characteristics
TCAN_EN
Setup time needed when going to Active mode of the transceiver
before sending data.
15
17
19
µs
TCAN_DOM_TO
CAN CANTXD dominant timeout time
0.8
-
9
ms
TCAN_LOOP
CAN loop delay time from CANTXD to CANRXD,
CCANRXD = 15 pF, RL = 45 Ω to 70 Ω, CCAN = 100 pF,
FCANTXD < 2.5 MHz
-
-
255
ns
TCAN_TX2BUS_DOM
CAN delay time from CANTXD to bus dominant
-
-
127.5
ns
TCAN_TX2BUS_REC
CAN delay time from CANTXD to bus recessive
-
-
127.5
ns
TCAN_BUS2RX_DOM
CAN delay time from bus dominant to CANRXD
-
-
127.5
ns
TCAN_BUS2RX_REC
CAN delay time from bus recessive to CANRXD
-
-
127.5
ns
TCAN_BIT_RX_2M
CAN received recessive bit width @ 2 Mbps
RL = 60 Ω, CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
400
500
550
ns
TCAN_BIT_RX_5M
CAN received recessive bit width @ 5 Mbps
RL = 60 Ω, CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
120
200
220
ns
TCAN_BIT_BUS_2M
CAN transmitted recessive bit width @ 2 Mbps
RL = 60 Ω, CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
435
500
530
ns
TCAN_BIT_BUS_5M
CAN transmitted recessive bit width @ 5 Mbps
RL = 60 Ω, CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
155
200
210
ns
∆TCAN_BIT_RXBUS_2M
CAN receiver timing symmetry @ 2 Mbps
RL = 60 Ω, CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
-65
-
40
ns
∆TCAN_BIT_RXBUS_5M
CAN receiver timing symmetry @ 5 Mbps
RL = 60 Ω, CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
-45
-
15
ns
TCAN_WU_FILT
CAN recessive/dominant filter time for wake-up
0.5
1.4
1.8
us
TCAN_WU_TO
CAN wake-up timeout time
0.8
-
10
ms
Table 25. CAN FD transceiver characteristics...continued
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
59 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com