Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVBA0ES Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MFS2400AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVBA0ES Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MFS2400AVBA0ES Datasheet HTML 40Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 41Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 42Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 43Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 44Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 45Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 46Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 47Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
This feature is only available in Normal mode and is activated by writing HIDWx_ENABLE = 1 in the M_HW_ID
SPI register.
ECU identification is done by controlling the HID pullup and pulldown current sources (HIDWxPU/PD_EN or
HIDWxPU/PD_DIS) and reading the associated WAKEx pin status using the WKx_S bits of the M_STATUS SPI
register.
The pin threshold (HIDWx_TH_SEL), and pullup/pulldown current values (HIDWx_10MA_EN) are
programmable via the M_HW_ID SPI register to allow integration into different systems.
aaa-046846
Control
lPD_HID
100 nF
220 Ω
lPU_HID
GND
GND
SPI
WK pin
status
VSUP
WAKEx/HIDx
WAKEx/HIDx
ECU
connector
(To VBAT
or GND)
Figure 28. Example of application for hardware ID function (either using solution 1 OR 2)
In addition, the input buffer on the LIMP0 may be used as an additional HW ID pin if needed. In this case, an
external bias current may be applied using a resistor as shown in Figure 29. To do so, the FS2400 must be
programmed with LIMP0_EN_OTP = 0 and the MCU must configure LIMP0_GPO = 1 during INIT phase. The
pin state is controlled using LIMP0_REQ and LIMP0_REL control bits. Its state can be read using LIMP0_SNS
bit from FS_SAFETY_OUTPUTS SPI register.
aaa-046847
C1
100 nF
GND
C2
100 nF
GND
C3
100 nF
GND
LIMP0
V3 Output
220 Ω
Resistor sized for 1.5 mA
220 Ω
Connector
220 Ω
FS2400
HID1
HID0
Figure 29. Using LIMP0 as a third HW ID pin
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
44 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com