Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVBA0ES Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MFS2400AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVBA0ES Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MFS2400AVBA0ES Datasheet HTML 45Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 46Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 47Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 48Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 49Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 50Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 51Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 52Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Interrupt
Description
Mask/Enable
VSUPUV_5P7_I
VSUP 5.7 V threshold undervoltage
VSUPUV_5P7_M
VSUPOV_I
VSUP overvoltage
VSUPOV_M
V1TWARN_I
V1 high temperature warning
V1TWARN_M
VxTSD_I
Vx overtemperature (x = 1, 3)
VxTSD_M
VxOC_I
Vx overcurrent (x = 1, 3)
VxOC_M
VxOV_I
Vx overvoltage (x = 0, 1, 3)
VxOV_M
VxUV_I
Vx undervoltage (x = 0, 1, 3)
VxUV_M
WKx_I
WAKEx state change in Normal mode (x = 2, 3)
WKx_M
HVIO1_I
HVIO1 state change in Normal mode
HVIO1_M
LDT_I
Long duration timer event
LDT_M
CAN_TSD_I
CAN overtemperature
CAN_TSD_M
CAN_TXD_TO_I
CAN dominant timeout
CAN_TXD_TO_M
WD_NOK_I
Watchdog refresh error
WD_NOK_M
INIT_CRC_NOK_I
INIT registers CRC error
INIT_CRC_NOK_M
Configurable wake-up event interrupt
WKx_WU_I
WAKEx wake-up event (x = 2, 3)
WKx_WUEN[1:0]
HVIO1_WU_I
HVIO1 wake-up event
HVIO1_WUEN[1:0]
CAN_WU_I
CAN wake-up event
CAN_WUEN[1:0]
Non-configurable wake-up event interrupt
GO2NORMAL_WU
SPI GO2NORMAL wake-up event
None
INT_TO_WU
Interrupt timeout generating a wake-up event
None
V1_UVLP_WU
V1 undervoltage wake-up event in LPON
None
WD_OFL_WU
WD error counter overflow wake-up event
None
EXT_RSTB_WU
External reset wake-up event
EXT_RSTB_DIS
Table 21. List of interrupts from main logic...continued
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
49 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com