Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2400AVBA0ES Datasheet(PDF) 90 Page - NXP Semiconductors

Part # MFS2400AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2400AVBA0ES Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button MFS2400AVBA0ES Datasheet HTML 86Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 87Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 88Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 89Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 90Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 91Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 92Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 93Page - NXP Semiconductors MFS2400AVBA0ES Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Bit
Symbol
Description
POR, self-clear
Real-time status of debug mode
0 Device is not in Debug mode
1 Device is in Debug mode
3
DBG_MODE
Real-time information
Leave Debug mode
0 No action
1 Leave Debug mode
4
DBG_EXIT
POR, Self-clear
Request a software POR of FS24 (reset the digital and restart from POR)
0 No action
1 Software POR is requested
6
SOFTPOR_REQ
POR, Self-clear
Select the power down time slot
0 TSLOT = 2 ms
1 TSLOT = 0 ms
8
TSLOT_DOWN_CFG
POR
Bypass unnecessary slots
0 Slots are not bypassed
1 Bypass unnecessary slots during power down or wake-up from LPON
9
SLOT_BYP
OTP fuse load
Bypass the OTP loading during power up
0 OTP loading is not bypassed
1 OTP loading is bypassed
10
LOAD_OTP_BYP
POR or in main FSM M4 state
VBOS to V1 switch always enabled
00000 -
00001 M1
00010 M2
00011 M3
00100 M4
00101 M5
00110 M6
00111 M7
01000 M8
01001 M9
01010 M10
01011 M11
01100 M12
11 to 15
M_FSM_STATE
01101 M13
Table 69. M_SYS1_CFG register bit description...continued
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
90 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com